PART |
Description |
Maker |
AS8F512K32Q-90/CT AS8F512K32Q-90/IT AS8F512K32Q-90 |
128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CPGA66 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, CQFP68 512K x 32 FLASH FLASH MEMORY ARRAY 512K X 32 FLASH 5V PROM MODULE, 90 ns, CQFP68 512K x 32 FLASH FLASH MEMORY ARRAY 512K X 32 FLASH 5V PROM MODULE, 120 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 20 ns, CQFP68
|
Austin Semiconductor, Inc
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
WPS512K32-15PJC WPS512K32-15PJI WPS512K32-17PJC WP |
512K x 8 SRAM, 15ns 512K x 8 SRAM, 17ns 512K x 8 SRAM, 20ns 512K x 8 SRAM, 25ns
|
White Electronic Designs
|
CAT64LC20ZS CAT64LC20ZP CAT64LC20J-TE7 CAT64LC20J- |
36-Mbit QDR-II SRAM 4-Word Burst Architecture 36-Mbit QDR-II SRAM 2-Word Burst Architecture 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 4-Mbit (128K x 36) Flow-through SRAM with NoBL Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture SPI Serial EEPROM SPI串行EEPROM 36-Mbit QDR™-II SRAM 2-Word Burst Architecture SPI串行EEPROM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM SPI串行EEPROM 256K (32K x 8) Static RAM SPI串行EEPROM
|
Analog Devices, Inc. Electronic Theatre Controls, Inc.
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
CY7C1351F CY7C1351F-100AC CY7C1351F-100AI CY7C1351 |
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 11 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture 4-Mb (128K x 36) Flow-through SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1009B CY7C109B-35VI CY7C109B-20ZC CY7C109BL-15 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS07; No. of Contacts:42; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 6C 6#8(TWINAX) PIN RECP 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TV 128C 128#22D PIN WALL REC 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IS61SF12832-10TQ IS61SF12832-10TQI IS61SF12832-8.5 |
x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8 ns, PBGA119 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 128K X 32 CACHE SRAM, 8 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 10 ns, PBGA119 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 10 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 12 ns, PQFP100 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AS7C33512PFD32_36A AS7C33512PFD32_36A.V1.3 AS7C335 |
3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.4 ns, PQFP100 3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
|